Part Number Hot Search : 
OP165W A2808BD RF0007 927SEB DA733 DM74ALS DM74ALS A21Q03
Product Description
Full Text Search
 

To Download MJ403203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
MJ4032 MJ4035
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
s
s s
s
STMicroelectronics PREFERRED SALESTYPES COMPLEMENTARY PNP - NPN DEVICES MONOLITHIC DARLINGTON CONFIGURATION INTEGRATED ANTIPARALLEL COLLECTOR-EMITTER DIODE
APPLICATIONS s GENERAL PURPOSE SWITCHING s GENERAL PURPOSE AMPLIFIERS DESCRIPTION The MJ4035 is a silicon Epitaxial-Base NPN power transistor in monolithic Darlington configuration mounted in Jedec TO-3 metal case. It is inteded for use in general purpose and amplifier applications. The complementary PNP type is the MJ4032.
1 2
TO-3
INTERNAL SCHEMATIC DIAGRAM
R1 Typ. = 6 K
R2 Typ. = 55
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter PNP NPN V CBO V CEO V EBO IC IB P tot T stg Tj Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Base Current Total Dissipation at T c 25 o C Storage Temperature Max. Operating Junction Temperature Value MJ4032 MJ4035 100 100 5 16 0.5 150 -65 to 200 200 V V V A A W
o o
Unit
C C
For PNP types voltage and current values are negative.
September 2003
1/4
MJ4032 / MJ4035
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 1.17
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CER I CEO I EBO Parameter Collector Cut-off Current (R BE = 1K) Collector Cut-off Current (I B = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CE = 100 V V CE = 100 V V CE = 50 V V EB = 5 V I C = 100 mA I C = 10 A I C = 16 A I C = 10 A I C = 10 A I B = 40 mA I B = 80 mA V CE = 3 V V CE = 3 V 1000 100 2.5 4 3 T c = 150 o C Min. Typ. Max. 1 5 3 5 Unit mA mA mA mA V V V V
V (BR)CEO Collector-Emitter Breakdown Voltage V CE(sat) V BE h FE Collector-Emitter Saturation Voltage Base-Emitter Voltage DC Current Gain
Pulsed: Pulse duration = 300 s, duty cycle 1.5 % For PNP type voltage and current values are negative.
2/4
MJ4032 / MJ4035
TO-3 MECHANICAL DATA
mm MIN. A B C D E G N P R U V 11.00 0.97 1.50 8.32 19.00 10.70 16.50 25.00 4.00 38.50 30.00 TYP. MAX. 13.10 1.15 1.65 8.92 20.00 11.10 17.20 26.00 4.09 39.30 30.30 MIN. 0.433 0.038 0.059 0.327 0.748 0.421 0.649 0.984 0.157 1.515 1.187 inch TYP. MAX. 0.516 0.045 0.065 0.351 0.787 0.437 0.677 1.023 0.161 1.547 1.193
DIM.
P G
A
D C
U
V
O
N
R
B
P003F
3/4
E
MJ4032 / MJ4035
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics. All other names are the property of their respective owners. (c) 2003 STMicroelectronics - All Rights reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
4/4


▲Up To Search▲   

 
Price & Availability of MJ403203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X